PART |
Description |
Maker |
CB-25AP |
Small size magnetic type sound generator. Rated voltage 5 VDC. Rated current: average 80 mA peak 180 mA. Outer dimensions: diameter 25 mm, height 12.5 mm.
|
Citizen Electronics
|
HC0901B HC0901D HC0901E HC0901F HC0901G HC0903B HC |
Electro-Magnetic Sound Generators
|
JL World Company Limited.
|
HCS0803G |
Electro-Magnetic Sound Generators
|
JL World Company Limited.
|
HCS0901G HCS0905G HCS0903G |
Electro-Magnetic Sound Generators
|
JL World Company Limited.
|
HCS1401A HCS1403A HCS1405A |
Electro-Magnetic Sound Generators
|
JL World Company Limited. http://
|
HC0901Q |
Electro-Magnetic Sound Generators
|
JL World Company Limited.
|
HCM1201D-16 HCM1201D-42 HCM1212F HCM1601A HCM1203D |
Electro-Magnetic Sound Generators
|
http:// JL World Company Limited.
|
HCS0903R |
Electro-Magnetic Sound Generators
|
JL World Company Limited.
|
LBH1000 |
1.6.8.4 mm(L】W】H) small size surface mount type SMD
|
Luxpia Co., Ltd.
|
VY05-12S12L VY05-12W06L VY05-15S10L VY05-15W05L VY |
Small Size, Long-Life, Isolated Type DC-DC Converter
|
Volgen Kaga Electronics Inc.
|
F09B125V15A F03B125V15A F09B125V12A FM08A125V1/2A |
APOLO7 RV1.2,1.1V,105C THREE PHASE PRE-DRIVER Infrared Temperature Sensor; Sensor Output:0 - 10VDC; Field of View:14:1; Sensing Face Type:Germanium; Sensor Terminals:Solder Lug/Quick Connect; Features:Germanium Lens; Response Time:75ms Infrared Temperature Sensor; Sensor Output:0 - 10VDC; Field of View:6:1; Sensing Face Type:Enclosed Plastic; Sensor Terminals:Solder Lug/Quick Connect; Features:Enclosed Plastic Face; Response Time:75ms RoHS Compliant: NA Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:65pF/ft RoHS Compliant: Yes Belden Shielded Riser Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper Stranded, Shielding: Beldfoil, Jacket: PVC Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:38pF/ft RoHS Compliant: Yes Connector assemblies, Audio/RF/Video cables; MILITARY COMPONENTS FUSES 军用规格保险 ; Sensor Input Type:Optical; Sensing Range Max:213m; Sensor Output:NPN/PNP 军用规格保险 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 军用规格保险 Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes 军用规格保险 MPC3 PC AMPLIFIER 军用规格保险
|
Littelfuse, Inc.
|
BYW99W200 BYW99P200 BYW99P-200 BYW99 BYW99P BYW99P |
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:42pF/ft RoHS Compliant: Yes 高效快速恢复整流二极管 Sound/Security Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:70pF/ft RoHS Compliant: Yes 高效快速恢复整流二极管
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. SGS Thomson Microelectronics
|